Part Number Hot Search : 
UPD16 SP706CN 30452 LA000 B380C 025ED D7377 91000
Product Description
Full Text Search
 

To Download SML100HB06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  collector-emitter voltage vces 600 v dc collector current tc=75c tc=25c i c , nom ic 100 130 a repetitive peak collector cur- rent tp=1msec,tc=75c i crm 200 a total powerdissipation tc=25c p tot 340 w gate-emitter peak voltage v ges +/-20 v dc forward diode current i f 100 a repetitive peak forward current tp=1msec i frm 200 a i 2 t value per diode vr=0v, tp=10msec, tvj=125c i 2 t 1250 a 2 sec isolation test voltage rms, 50hz, t=1min v isol 2500 v attributes: -aerospace build standard -high reliability -lightweight -metal matrix base plate -aln isolation maximum rated values/ electrical properties SML100HB06 collector-emitter saturation voltage ic=75a,vge=15v, tc=25c ic=75a,vge=15v,tc=125c v ce(sat) 1.95 2.2 2.45 v gate threshold voltage vce=vge, tvj=25c v ge(th) 4.5 5.5 6.5 v input capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c ies 4.3 nf reverse transfer capacitance f=1mhz,tvj=25c,vce=25v, vge=0v cres 0.4 nf collector emitter cut off current vce=600v,vge=0v,tvj=25c vce=600v,vge=0v,tvj=125c i ces 1 1 500 a gate emitter cut off current vce=0v,vge=20v,tvj=25c i ges 400 a
turn on delay time ic=100a, vcc=300v vge=+/15v,rg=2.2 ? ,tvj=25c vge=+/-15v,rg=2.2 ? ,tvj=125c t d,on 25 26 nsec nsec rise time ic=100a, vcc=300v vge=+/-15v,rg=2.2 ? ,tvj=25c vge=+/-15v,rg=2.2 ? ,tvj=125c tr 10 11 nsec nsec turn off delay time ic=100a, vcc=300v vge=+/-15v,rg=2.2 ? ,tvj=25c vge=+/-15v,rg=2.2 ? ,tvj=125c td,off 130 150 nsec nsec fall time ic=100a, vcc=300v vge=+/-15v,rg=2.2 ? ,tvj=25c vge=+/-15v,rg=2.2 ? ,tvj=125c tf 20 30 nsec nsec turn energy loss per pulse ic=75a,vce=300v,vge=15v rge=2.7 ? ,tvj=125c,l=35nh eon 1.0 mj turn off energy loss per pulse ic=75a,vce=300v, vge=15v rge= ? ,tvj=125c,l=30nh eoff 2.9 mj sc data tp 10sec, vge 15v tvj 125c,vcc=360v,vce(max)- vces-l di/dt isc 450 a stray module inductance l ce 40 nh terminal-chip resistance rc 1.0 m ? forward voltage ic=75a,vge=0v, tc=25c ic=75a,vge=0v, tc=125c v f 1.25 1.2 1.6 v peak reverse recovery current if=75a, -di/dt=3000a/sec vce=300v,vge=-10v,tvj=25c vce=300v,vge=-10v,tvj=125c i rm 150 180 a recovered charge if=75a, -di/dt=3000a/sec vce=600v,vge=-10v,tvj=25c vce=600v,vge=-10v,tvj=125c q r 7.7 13 c reverse recovery energy if=75a, -di/dt=3000a/sec vce=600v,vge=-10v,tvj=25c vce=600v,vge=-10v,tvj=125c e rec 3.2 mj mj diode characteristics
thermal resistance junction to case igbt diode r j-c 0.37 0.67 k/w thermal resistance case to heatsink r c-hs 0.03 k/w maximum junction temperature tvj 150 c maximum operating temperature top -40 125 c storage temperature tstg -40 125 c thermal properties min typ max





▲Up To Search▲   

 
Price & Availability of SML100HB06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X